Part Number Hot Search : 
164245 20080 00341736 13003B VHE240 TIP121 2SJ506 FM3164
Product Description
Full Text Search
 

To Download NT90THLASAC12VCB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NT90T (T91)
NT90T (T91)
CH050401--2000
NT90T2
E9930952E01
R2033977.06
32.4x27.5x28.0
32.4x27.5x20
E160644 E233737 Patent No. 99312549.2
Features
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. Suitable for automobile, machine, electronic equipment, air conditioner and household appliance applications. PC board mounting and direct insert mounting available.
Ordering Information
NT90T H L A S DC12V C B 0.9
1 2 3 4 5 6 7 8 9 6 Coil rated Voltage(V)AC:12,24,110,120,220 DC:3,5,6,9,12,15,18,24,48,110 7 Contact materialC: Ag CdOS: Ag SnO2 8 Resist heat classB:130 F:155 9 Coil power consumption0.6:0.6W0.9:0.9W NIL:2VA 1 Part numberNT90TNT90T2 2 LoadH:30AN:40A 3 HighNIL: StandardL: Low profile type 4 Contact arrangementA:1AB:1BC:1C 5 EnclosureS: Sealed typeD: Dust cover E: CoveredO: Open type
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) 1A SPSTBNO f1B SPSTNC f1C SPDT(B-M) Ag CdO Ag SnO2 Ag SnO2 In2O3 NO30A/240VAC,14VDCNC20A/240VAC ;30A/14VDC NO40A/250VAC,30VDCNC30A/250VAC,30VDC (0.9W) Motor load2HP 250VAC 1.5HP 250V Lamp loadTV-5 1100W 7200VA 110VDC 250VAC Max. Switching Current:40A 30m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical
Coil Parameter
AC Coil Parameter RATED VOLTAGE VAC
RATED Max
DASH NUMBERS
COIL RESISTANCE 10%
PICK UP VOLTAGE VAC(max) (75%of rated voltage)
RELEASE VOLTAGE VAC(min) (30%of rated voltage)
COIL POWER
Operate Time ms
Release Time ms
012AC 024AC 110AC 120AC 220AC
12 24
110 120 220
15.6 31.2 143 156 286
27 120 2360 3040 13490
9.0 18.0 82.5 90.0 165.0
3.6 7.2 33.0 36.0 66.0
2VA
_
_
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
www.dblectro.com
Coil Parameter
DC Coil Parameter RATED VOLTAGE VDC
RATED Max
DASH NUMBERS
COIL RESISTANCE 10%
PICK UP VOLTAGE VDC(max) (75%of rated voltage)
RELEASE VOLTAGE VDC(min) (10%of rated voltage)
COIL POWER W
Operate Time ms
Release Time Ms
003-900 005-900 006-900 009-900 012-900 015-900 018-900 024-900 048-900 110-900 003-600 005-600 006-600 009-600 012-600 015-600 018-600 024-600 048-600 110-600
3
5 6 9 12 15 18 24 48 110
3
3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 143 3.9 6.5 7.8 11.7 15.6 19.5 23.4 31.2 62.4 143
10 28 40 90 160 250 360 640 2560 13445 15 42 60 135 240 375 540 960 3840 20167
2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50 2.25 3.75 4.50 6.75 9.00 10.25 13.50 18.00 36.00 82.50
0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0 0.3 0.5 0.6 0.9 1.2 1.5 1.8 2.4 4.8 11.0
0.9
15
10
5 6 9 12 15 18 24 48 110
0.6
15
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 of IEC255-5 of IEC255-5
50Hz 1500V 50Hz 2500V 200m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235x2 3x0.5s -55~100 -55~125 85% (at 40) 31g Low profile type . 35g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3 Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
107
www.dblectro.com
NT90T (T91)
Dimensions (Unit: mm)
x
NT90T2 Dimensions
Wiring diagram(Top views)
mm 0.4 0.5 0.75 0.8 0.95 1.1 1.2 1.5 2.1 2.54 3.3 3.8 5.0 5.4 6 6.35 6.4 7.7 8 10 12.3 14 15.4 17.3 17.8 20 27.5 28 32.4
inch 0.016 0.020 0.029 0.031 0.037 0.043 0.047 0.059 0.083 0.100 0.130 0.150 0.197 0.213 0.236 0.250 0.252 0.303 0.315 0.394 0.484 0.551 0.606 0.681 0.701 0.787 1.083 1.102 1.275
Wiring diagram(Bottom views)
Mounting (Bottom views) NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
www.dblectro.com
3-6.4x0.8
Safety approvals Safety approval Load
UL No 40A/250VAC 30A/277VAC Nc 30A/250VAC 20A/277VAC 2HP 250VAC 11/2HP 250VAC TV-5 Insulation B-class F-class
TuV No 40A/240VAC 14VDC Nc 30A/240VAC 14VDC Insulation B-class F-class
CCEE No 30A/240VAC Nc 20A/240VAC
Reference Data
7
109
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NT90THLASAC12VCB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X